|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Flatpac S/MON/SOL965460/A/09/04/2008 page 1 / 4F/GB SOL965460 I max = 64A @ Tcase = 85C I max = 44A @ Tcase = 100C Output : 24-600VAC 50A Input : 3,5-32VDC Relais statique monophase de puissance Power Solid State Relay o Relais statique Flatpac synchrone specialement adapte aux charges resistives. Zero Cross Flatpac Solid State Relay specially designed for resistive loads. o Sortie thyristors hautes performances technologie TMS2 (*) permettant une longue duree de vie : 24 a 600VAC 50A . New High Efficiency Back to back thyristors on output with TMS2 technology(*) for a long lifetime expectancy: 24 to 600VAC 50A. o Large plage de controle: 3,5 - 32VDC avec un courant de commande regule. LED de visualisation sur l'entree de couleur verte. Protection aux surtensions sur l'entree integree. Large control range: 3.5-32VDC with input current limiter. Green LED visualization on the input. Input over-voltage protection. o Construit en conformite aux normes EN60947-4-3 (IEC947-4-3) et EN60950/VDE0805 (Isolement renforce) -UL-cUL en cours Designed in conformity with EN60947-4-3 (IEC947-4-3) and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL pending 24-600VAC Dimensions : protection reseau line protection - 4/A2ZC 1/L1 3,5-32VDC Entree control + 3/A1+ LED 2/T1 - 1/L1 et 2/T1 peuvent etre inversees. * 1/L1 et 2/T2 peuvent etre inversees/ 1/L1 and 2/T2 can bebe swapped. 1/L1 and 2/T1 can changed * Le relais doit etre monte sur sur dissipateur thermique. - le relais doit etre monte dissipateur thermique / SSR SSR must be mounted onheatsink must be mounted on a heatsink CHARGE/LOAD Application typique: Resistance 18 kW (Categorie AC-51) en 400 VAC Typical application: 18kW resistor (AC-51 load) on 400 VAC (*) : Thermo Mechanical Stress Solution Proud to serve you All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis. r celduc e l a i s Flatpac Caracteristiques d'entree / Control characteristics (at 25C) Parametre / Parameter Symbol Tension de commande / Control voltage Uc Courant de commande / Control current (@ Uc ) Ic Tension de non fonctionnement / Release voltage Uc off LED d'entree / Input LED Tension Inverse / Reverse voltage Urv Tension de transil d'entree / Clamping voltage (Transil) Uclamp Immunite / Input immunity : EN61000-4-4 Immunite / Input immunity : EN61000-4-5 Min 3,5 <10 2 DC Typ Max 5-12-24 32 <13 <13 verte / green 32 36 2kV 2KV S/MON/SOL965460/A/09/04/2008 page 2 / 4F/GB Input : Ic = f( Uc) Unit V mA V V V 14 12 10 Ic (mA) 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 Uc (VDc) Caracteristiques de sortie / Output characteristics (at 25C) Parametre / Parameter Conditions Plage de tension utilisation / Operating voltage range Tension de crete / Peak voltage Niveau de synchronisme / Zero cross level Tension minimum amorcage / Latching voltage Ie nom Courant nominal / nominal current (AC-51) Courant surcharge / Non repetitive overload current tp=10ms (Fig. 3) Chute directe a l'etat passant / On state voltage drop @ 25C Resistance dynamique / On state dynamic resistance Puissance dissipee (max) / Output power dissipation (max value) Resistance thermique jonction/semelle Thermal resistance between junction to case Courant de fuite a l'etat bloque / Off state leakage current @Ue typ, 50Hz Courant minimum de charge / Minimum load current Temps de fermeture / Turn on time @Ue typ, 50Hz Temps d'ouverture / Turn off time @Ue typ, 50Hz Frequence utilisation/ Operating frequency range F mains dv/dt a l'etat bloque / Off state dv/dt di/dt max / Maximum di/dt non repetitive I2t (<10ms) Immunite / Conducted immunity level IEC/EN61000-4-4 (bursts) Immunite / Conducted immunity level IEC/EN61000-4-5 (surge) Protection court-circuit / Short circuit protection voir/see page 5 Caracteristiques generales / General characteristics (at 25C) Isolement entree/sortie - Input to output insulation Isolation sortie/ semelle - Output to case insulation Resistance Isolement / Insulation resistance Tenue aux tensions de chocs / Rated impulse voltage Degre de protection / Protection level / CEI529 Degre de pollution / Pollution degree Vibrations / Vibration withstand 10 -55 Hz according to IEC 60068-2-6 Tenue aux chocs / Shocks withstand according to IEC 60068-2-27 Temperature de fonctionnement / Ambient temperature (no icing, no condensation) Temperature de stockage/ Storage temperature (no icing, no condensation) Humidite relative / Ambient humidity Poids/ Weight Conformite / Conformity Conformite / Conformity plastique du boitier / Housing Material Semelle / Base plate Symbol Ue Up Usync Ua Ie AC-51 Itsm Vt rt Pd Rthj/c Ilk Iemin ton max toff max f dv/dt di/dt I2t Min 24 1200 10 530 Typ. 400 Max 600 35 50 580 60 0,85 7,5 Unit V rms V V V A rms A V m W K/W mA mA ms ms Hz V/s A/s A2s 0,9x0,85xIe + 0,0075 x Ie2 0,4 5 10 10 800 50 1404 1680 2kV criterion B 0,55 1 0,1 500 50-60 2kV criterion A with external VDR Example Symbol Ui Ui Ri Uimp - Fuse Ferraz gRC 25A/32A/50A 4000 VRMS 4000 VRMS 1000 (@500VDC) M 4000 V IP00 2 1,5 mm 30 gn -40 /+100 C -40/+125 C 40 to 85 % 65 g EN60947-4-3 (IEC947-4-3) VDE0805/EN60950 UL/cUL PA 6 UL94VO Aluminium, nickel-plated Half sinus /11ms HR celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 Flatpac S/MON/SOL965460/A/09/04/2008 page 3 / 4F/GB Fig. 2 Courbes thermiques & Choix dissipateur thermique / Thermal curves and heatsink choice 80 Puissance Dissipee / Power Dissipation (W) 70 60 50 40 30 20 50% on State 6K/W 2,1K/W 0,95K/W 0,75K/W 0,55K/W 80 70 60 50 40 30 20 10 Full on State 1,1K/W 1,5K/W 10 0 0 5 10 15 20 25 30 35 40 45 50 55 60 Courant de charge / RMS load current (A) 0 0 10 20 30 40 50 60 70 80 90 100 Temperature ambiante / Ambient temperature (C) 6K/W correspond a un relais monte sur un adaptateur DIN celduc type 1LD12020 6K/W corresponds to a relay mounted on a DIN rail adaptator like celduc 1LD12020 fig 3 : Courants de surcharges / Overload currents 1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. 1 - No repetitive Itsm is given without voltage reapplied . This curve is used to define the protection (fuses). 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). Attention : la repetition de ces surcharges de courant diminue la duree de vie du relais. 2 - Repetitive Itsm is given for inrush current with initial Tj = 70C. In normal operation , this curve musn't be exceeded. Be careful, the repetition of the surge current decreases the life expectancy of the SSR. Itsm (Apeak) Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 50A(Itsm=550A) Surge current : Itsm (Apeak) = f(t) for 50A models with Itsm =550A 600 400 Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied. 200 Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied. 1 2 1 10 0 0,01 0,1 t (s) -> Attention ! les relais a semi-conducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Ils doivent etre utilises associes a un disjoncteur avec propriete de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans l'hypothese d'une defaillance et pour tous les cas ou le relais doit etre isole du reseau (maintenance ; non utilisation sur une longue duree...). -> Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...). celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 Flatpac S/MON/SOL965460/A/09/04/2008 page 4 / 4F/GB Applications / Applications L'utilisation de ces relais FLATPAC est principalement destinee aux applications ou la place en hauteur est limitee : exemple ci dessous avec 6 relais dont les commandes sont directement sur circuit imprime. FLATPAC celduc SSRs are mainly used for applications where height is limited. Below example of 6 SSRs where controls are directtly connected on a PCB Autre application ou les fils de puissance doivent sortir a 90 Other application where power terminals must be ar 90 direction celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 |
Price & Availability of SOL965460 |